PART |
Description |
Maker |
SUP65P06-20 SUB65P06-20 |
From old datasheet system P-Channel Enhancement-Mode Trans P-Channel 60-V (D-S), 175C MOSFET TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,65A I(D),TO-220AB P-Channel MOSFET 30V N-Channel PowerTrench MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology Inc Vishay Intertechnology,Inc.
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
HI3-0506A-5 HI3-0507A-5 HI3-0509A-5 HI3-506A HI3-5 |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
|
Intersil Corporation
|
ADG506A ADG506ABQ ADG506AKN ADG506AKP ADG506AKR AD |
CMOS ± 15 V 8 Channel Analog Multiplexer CMOS 15 V 8 Channel Analog Multiplexer CMOS 8-/16-Channel Analog Multiplexers 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28 Portable Work Lamp, 3.5 in x 5 in [76,2 mm x 127,0 mm], Spot Beam Pattern, 12 Vdc/50 W/4 A 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28 16-Channel Multiplexer (Superior DG506A Replacement); Package: PLCC; No of Pins: 28; Temperature Range: Commercial 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
DG408AK/883B |
Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers 8-CHANNEL, SGL ENDED MULTIPLEXER, CDIP16
|
Maxim Integrated Products, Inc.
|
SIZ704DT-T1-GE3 |
N-Channel 30-V (D-S) MOSFETs 9.4 A, 30 V, 0.024 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 6 X 3.70 MM, HALOGEN FREE AND ROHS COMPLIANT, POWERPAIR-6
|
Vishay Siliconix Vishay Intertechnology, Inc.
|
DMN5L06V-7 DMN5L06VA-7 |
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR 280 mA, 50 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc.
|
SIZ702DT-T1-GE3 |
N-Channel 30-V (D-S) MOSFETs 13.8 A, 30 V, 0.012 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 6 X 3.70 MM, HALOGEN FREE AND ROHS COMPLIANT, POWERPAIR-6
|
Vishay Siliconix Vishay Intertechnology, Inc.
|
SIZ728DT-T1-GE3 |
N-Channel 25 V (D-S) MOSFETs 16 A, 25 V, 0.0077 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 6 X 3.70 MM, HALOGEN FREE AND ROHS COMPLIANT, POWERPAIR-6
|
Vishay Siliconix Vishay Intertechnology, Inc.
|
BA3506AF-DXT1 BA3420AL-DX BA3410AF-DXE1 BA5412-DX |
0.069 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO18 2 CHANNEL, AUDIO PREAMPLIFIER, PZIP18 1 CHANNEL, AUDIO PREAMPLIFIER, PDSO16 2 CHANNEL, AUDIO AMPLIFIER, PSIP12 PLL FREQUENCY SYNTHESIZER, 130 MHz, PDSO20 1 CHANNEL, AUDIO PREAMPLIFIER, PSIP7 5 W, 2 CHANNEL, AUDIO AMPLIFIER, PSIP12
|
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
|